PART |
Description |
Maker |
LTC2296CUPPBF LTC2297IUPPBF LINEARTECHNOLOGYCORP-L |
Dual 14-Bit, 25Msps Low Power 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: 0°C to 70°C DUAL 1-CH 14-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64 Dual 14-Bit, 40Msps Low Power 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: -40°C to 85°C Dual 14-Bit, 65Msps Low Power 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: -40°C to 85°C Dual 14-Bit, 25Msps Low Power 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: -40°C to 85°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
291425 256651 256658 256654 256655 291426 256661 2 |
5-Pin, Multiple-Input, Programmable Reset ICs 12-Bit, 40Msps ADC 1.8V, 12-Bit, 170Msps ADC for Broadband Applications TAPE BARRICADE RED/WHT STRIPE 胶带路障西隧条纹 500ksps, Sampling, 12-Bit ADC with Track/Hold and Reference 胶带路障危险男士水油 12-Bit, 65Msps, IF Sampling ADC 胶带路障危险
|
Brady, Corp. Linear Technology, Corp.
|
PI74FCT162543T PI74FCT16543T PI74FCT162H543T PI74F |
Fast CMOS 16-Bit Latched Transceivers Dual 12-Bit, 25Msps Low Power 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: 0°C to 70°C Dual 12-Bit, 40Msps Low Power 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: 0°C to 70°C Dual 12-Bit, 40Msps Low Power 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: -40°C to 85°C Dual Zero-Drift Operational Amplifiers; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
|
Pericom Semiconductor C... PERICOM[Pericom Semiconductor Corporation]
|
LTC2246HLX LTC2246HLX-PBF LTC2246HLX-TR LTC2246HLX |
14-Bit, 25Msps 125∑C ADC In LQFP 14-Bit, 25Msps 125°C ADC In LQFP 14-Bit, 25Msps 125隆?C ADC In LQFP
|
Linear Technology
|
AD526 1144 AD883B AD526CD AD526SD AD526B AD526JNZ |
Software Programmable Gain Amplifier 软件可编程增益放大器 Software Programmable Gain Amplifier INSTRUMENTATION AMPLIFIER, 1500 uV OFFSET-MAX, 4 MHz BAND WIDTH, PDIP16 8 channel, 10 Bit, 40MSPS ADC, 1.8V 257-BGA MICROSTAR 0 to 70 10 Bit, 40MSPS ADC, 1.8V, Int/Ext Ref, w/Power-Down 48-TQFP -40 to 85 High Performance/ BiFET Operational Amplifiers From old datasheet system Software Programmable Gain Amplifier
|
Analog Devices, Inc.
|
MAX12553 MAX12553ETL |
14-Bit, 65Msps, 3.3V ADC
|
Maxim Integrated Products
|
MAX12553 |
14-Bit 65Msps 3.3V ADC
|
Maxim Integrated Products
|
MAX12553 MAX12553ETL |
14-Bit, 65Msps, 3.3V ADC
|
http://
|
LTC1746CFW LTC1746IFW |
Low Power,14-Bit, 25Msps ADC
|
Linear Technology
|
LTC2247IUH LTC2248IUH |
14-Bit, 65/40/25Msps Low Power 3V ADCs
|
Linear Technology
|
LTC2226 LTC2227 LTC2228 |
12-Bit, 65/40/25Msps Low Power 3V ADCs
|
Linear Technology
|
MAX1211 MAX1211ETL |
65Msps, 12-Bit, IF Sampling ADC
|
MAXIM - Dallas Semiconductor
|
|